PART |
Description |
Maker |
LM358SR LM358ST LM2904PR LM2904PT LM358DT LM324WDT |
SIGNATURE SERIES Operational Amplifiers
|
Rohm
|
LS33600LM |
3.6V Primary lithium-thionyl chloride High energy D-size bobbin cell with low magnetic signature
|
saftbatteries
|
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX991 MAX991ESA MAX991EUA MAX992 MAX992ESA MAX992 |
High-Speed / Micropower / Low-Voltage / SOT23 / Rail-to-Rail I/O Comparators Wirewound Potentiometer; Series:LW; Track Resistance:1ohm; Resistance Tolerance: /- 10%; Power Rating:5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Wirewound; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes Wirewound Potentiometer; Series:LW; Track Resistance:50ohm; Resistance Tolerance: /-10%; Power Rating:5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Wirewound; Adjustment Type:Knob; No. of Turns:1 RoHS Compliant: Yes High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators High-Speed, Micropower, Low-Voltage,SOT23, Rail-to-Rail I/O Comparators
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX9015 MAX9015A MAX9015AEKA-T MAX9016 MAX9016A MA |
SOT23 Dual Precision 1.8V Nanopower Comparators With/Without Reference SOT23 / Dual / Precision / 1.8V / Nanopower Comparators With/Without Reference SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference COMPARATOR, 10000 uV OFFSET-MAX, 28000 ns RESPONSE TIME, PDSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX900 MAX900ACPP MAX900ACWP MAX900AEPP MAX900AEWP |
High-Speed, Low-Power Voltage Comparators High-Speed Low-Power Voltage Comparators High-Speed / Low-Power Voltage Comparators Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
74LVTH240MTC 74LVT240MSAX 74LVT240MTCX 74LVT240MTC |
8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
LM2903 LM39306 NCV2903DMR2G NCV2903DR2G LM2903D LM |
Low Offset Voltage Dual Comparators Low Offset Voltage Dual Comparators DUAL COMPARATOR, 15000 uV OFFSET-MAX, 1500 ns RESPONSE TIME, PDSO8 Low Offset Voltage Dual Comparators(浣?け璋?????2姣????
|
http:// ONSEMI[ON Semiconductor] Unisonic Technologies
|
AT29C257-70 AT29C257-15JC AT29C257-12JC AT29C257-9 |
8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SO -55 to 125 256K 32K x 8 5-volt Only CMOS Flash Memory 256K 32K的8 5伏只有闪存的CMOS 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 32K X 8 FLASH 5V PROM, 120 ns, PQCC32
|
Atmel Corp. Atmel, Corp.
|
746LT3 738BT3 738LT4 746LT1 746LT2 746BT4 730BT1 7 |
Low-Jitter, 8kHz Reference Clock Synthesizer Outputs 35.328MHz LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver 4-Port LVDS and LVTTL-to-LVDS Repeaters High-Precision Clock Generators with Integrated VCXO Dual/Quad/Single, High-Speed, Ultra-Low-Power, Single-Supply TTL Comparators 模拟IC Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators 模拟IC Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators 模拟IC
|
Aavid Thermalloy, LLC Renesas Electronics, Corp. Vishay Intertechnology, Inc.
|
74LVTH2245WMX 74LVT2245 74LVT2245MSA 74LVT2245MSAX |
8-Bit Identity/Magnitude Comparators 20-PDIP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Series Resistors in the B Port Outputs Dual 4-to-1 Channel Analog Multiplexer/Demultiplexer with Injection Current Effect Control 16-TSSOP -40 to 85 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25ヘ Series Resistors in the B Port Outputs Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
LT1713CMS8 LT1714IGN LT1713IMS8 LT1714CGN LT1713CM |
Single/Dual, 7ns, Low Power,3V/5V/±5V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power, 3V/5V/V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL COMPARATOR, 4000 uV OFFSET-MAX, 8.5 ns RESPONSE TIME, PDSO16 Single/Dual, 7ns, Low Power,3V/5V/隆戮5V Rail-to-Rail Comparators Single/Dual, 7ns, Low Power,3V/5V/【5V Rail-to-Rail Comparators Single, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 4000 uV OFFSET-MAX, 8.5 ns RESPONSE TIME, PDSO8 Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C DUAL COMPARATOR, 4000 uV OFFSET-MAX, 8.5 ns RESPONSE TIME, PDSO16
|
Linear Technology, Corp.
|